Part Number Hot Search : 
7410DC JP520S BA7612F KSD986 AM29LV 20PT8052 A3946 AMPHENOL
Product Description
Full Text Search
 

To Download FR801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8.0 amp fast recovery rectifiers m a x i m u m r atings and electrical characteristics rating 25 c ambient temperature uniess otherwies specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number m aximum recurrent peak reverse voltage m aximum rms voltage m aximum dc blocking voltage m aximum average forward rectified current .375"(9.5mm) lead length at tc=75 c features m e chanical data p eak forward surge current, 8.3 ms single half sine-wave s uperimposed on rated load (jedec method) m aximum instantaneous forward voltage at 8.0a m aximum dc reverse current tc=25 c at rated dc blocking voltage tc=100 c m aximum reverse recovery time (note 1) typical junction capacitance (note 2) 8.0 200 10.0 200 65 - 65 +150 a a v m a m a ns pf c notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. * low forward voltage drop * high current capability * high reliability * high surge current capability f r801 fr806 thru 1.3 250 500 150 v oltage range 50 to 800 volts current 8.0 amperes v FR801 fr802 fr803 fr804 fr805 fr806 units 50 100 200 400 600 800 50 100 200 400 600 800 35 70 140 280 420 560 v v * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: lead solderable per mil-std-202, method 208 guranteed * polarity: as marked * mounting position: any * weight: 2.24 grams to-220a dimensions in inches and (millimeters) .412 .248 .040 .180 .050 .120 .158 .595 .550 .200 .051 .040 .108 ( 10.5) ( 6.3) ( 1.0) ( 4.6) ( 1.27) ( 3.05) ( 4.0) ( 15.1) ( 14.0) ( 5.08) ( 1.3) ( 1.0) ( 2.75) max. max. max. max. min. max. max. 3.8 +.2 hole thru f + + + pin 1 pin 1 pin 2 pin 2 case case case positive case negative suffix "r" operating and storage temperature range t , t j s tg 102 * both normal and pb free product are available: * normal:80~95%sn,5~20%pb * pb free:99 sn above can meet rohs enviroment substance directive request
1 1 0 1 0 0 0 . 1 5 0 0 r a t i n g a n d c h a r a c t e r i s t i c c u r v e s ( f r 8 0 1 t h r u f r 8 0 6 ) c h a r a c t e r i s t i c s f i g . 2 - t y p i c a l f o r w a r d c u r r e n t d e r a t i n g c u r v e a v e r a g e f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) f o r w a r d v o l t a g e , ( v ) p u l s e w i d t h 3 0 0 u s 1 % d u t y c y c l e 1 2 1 0 8 6 4 2 ( + ) ( + ) 2 5 v d c ( a p p r o x . ) ( ) ( ) p u l s e g e n e r a t o r ( n o t e 2 ) o s c i l l i s c o p e ( n o t e 1 ) 1 n o n - i n d u c t i v e w n o t e s : 1 . r i s e t i m e = 7 n s m a x . , i n p u t i m p e d a n c e = 1 m e g o h m . 2 2 p f . 2 . r i s e t i m e = 1 0 n s m a x . , s o u r c e i m p e d a n c e = 5 0 o h m s . + 0 . 5 a 0 - 0 . 2 5 a - 1 . 0 a | | | | | | | | 1 c m s e t t i m e b a s e f o r 5 0 / 1 0 n s / c m t r r d . u . t . . 6 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 4 0 s i n g l e p h a s e h a l f w a v e 6 0 h z r e s i s t i v e o r i n d u c t i v e l o a d f i g . 3 - t e s t c i r c u i t d i a g r a m a n d r e v e r s e r e c o v e r y t i m e c h a r a c t e r i s t i c s 1 0 n o n i n d u c t i v e 5 0 n o n i n d u c t i v e w w t j = 2 5 c f i g . 5 - t y p i c a l j u n c t i o n c a p a c i t a n c e r e v e r s e v o l t a g e , ( v ) j u n c t i o n c a p a c i t a n c e , ( p f ) 1 4 0 1 2 0 1 0 0 8 0 6 0 4 0 2 0 0 . 0 1 . 0 5 . 1 . 5 1 5 1 0 5 0 1 0 0 f i g . 4 - m a x i m u m n o n - r e p e t i t i v e f o r w a r d s u r g e c u r r e n t 5 0 0 1 0 0 1 5 0 2 0 0 2 5 0 n u m b e r o f c y c l e s a t 6 0 h z 1 1 0 5 5 0 1 0 0 t j = 2 5 c 8 . 3 m s s i n g l e h a l f s i n e w a v e j e d e c m e t h o d 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 1 6 0 1 8 0 2 0 0 0 f i g . 1 - t y p i c a l f o r w a r d c a s e t e m p e r a t u r e , ( c ) p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 1 0 3


▲Up To Search▲   

 
Price & Availability of FR801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X